leshan radio company, ltd. general purpose transistors pnp silicon maximum ratings rating symbol v alue unit collector?emitter voltage v ceo ?50 v collector?base voltage v cbo ?60 v emitter?base voltage v ebo ?6.0 v collector current ? continuous i c ?150 madc collector power dissipation p c 0.15 w junction temperature t j 150 c storage temperature t stg -55 ~ +150 c device marking l2sa1576aqt1g =fq l2sa1576art1g=fr l2sa1576ast1g =fs electrical characteristics (t a = 25c unless otherwise noted.) characteristic symbol min typ max unit collector?emitter breakdown voltage v (br)ceo ? 50 ? ? v (i c = ?1 ma) emitter?base breakdown voltage v (br)ebo ? 6 ? ? v (i e = ? 50 a) collector?base breakdown voltage v (br)cbo ? 60 ? ? v (i c = ? 50 a) collector cutoff current i cbo ? ? ? 0.1 a (v cb = ? 60 v) emitter cutoff current i ebo ? ? ? 0.1 a (v eb = ? 6 v) collector-emitter saturation voltage v ce(sat) ? ? -0.5 v (i c /i b = ? 50 ma / ? 5m a) dc current transfer ratio h fe 120 ?? 560 ?? (v ce = ? 6 v, i c = ?1ma) transition frequency f t ? 140 ?? mhz (v ce = ? 12 v, i e = 2ma, f=30mhz ) output capacitance c ob ? 4.0 5.0 pf (v cb = ? 12 v, i e = 0a, f =1mhz ) h fe values are classified as follows: qrs hfe 120~270 180~390 270~560 1 3 2 sc-70/sot? 323 2 emitter 3 collector 1 base * s-l2sa1576aqt1g series z ordering information device package shipping l2sa1576aqlt1g series 3000/tape & reel sc-70 10000/tape & reel l2sa1576aqlt3g series sc-70 we declare that the material of product compliance with rohs requirements. rev.o 1/4 l2sa1576aqt1g series z s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. s-l2sa1576aqlt1g series s-l2sa1576aqlt3g series
leshan radio company, ltd. ?0.2 ?0.4 ?0.6 ?0.8 ?1.0 ?1.2 ?1.4 ?1.6 t a = 100c 25c ? 40c ?50 ?20 ?10 ?50 ?2 ?1 ?0.5 ?0.2 ?0.1 0 ?0.4 ?0.8 ?1.2 ?1.6 ?2.0 t a = 25c ?10 ?8 ?6 ?4 ?2 0 i c , collector current (ma) fig.1 grounded emitter propagation characteristics fig.2 grounded emitter output characteristics( ) fig.3 grounded emitter output characteristics( ) fig.4 dc current gain vs. collector current ( ) fig.5 dc current gain vs. collector current ( ) fig.6 collector-emitter saturation voltage vs. collector current ( ) v ce = ?10 v v be , base to emitter voltage(v) i c , collector current (ma) v ce , collector to emitter voltage (v) ?35.0 ?31.5 ?28.0 ?24.5 ?21.0 ?17.5 ?14.0 ?10.5 ?7.0 ?3.5 a i b =0 0 ?1?2 ?3 ?4?5 t a = 25c ?100 ?80 ?60 ?40 ?20 0 i c , collector current (ma) v ce , collector to emitter voltage (v) ?250 ?200 ?150 500 450 400 350 300 ?100 ?50 a i b =0 t a = 25c 500 200 100 50 h fe , dc current gain v ce = ?5 v ?3v ?1v i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 t a = 100c 500 200 100 50 h fe , dc current gain v ce = ? 6v i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 25c ?40c ?1 ?0.5 ?0.2 ?0.1 ?0.05 v ce(sat) , collector saturation voltage(v) i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 t a = 25c i c /i b = 50 20 10 l2sa1576aqt1g series rev.o 2/4 s-l2sa1576aqt1g series
leshan radio company, ltd. fig.7 collector-emitter saturation voltage vs. collector current ( ) ?1 ?0.5 ?0.2 ?0.1 ?0.05 v ce(sat) , collector saturation voltage(v) i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 t a = 100c 25c ?40c i c /i b = 10 fig.8 gain bandwidth product vs. emitter current 1000 500 200 100 50 f r , transition frequency(mhz) i e , emitter current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 t a = 25c v ce = ?12v fig.9 collector output capacitance vs.collector-base voltage emitter inputcapacitance vs. emitter-base voltage 20 10 5 2 c ob , collector output capacitance( pf) c ib , emitter input capacitance (pf) v cb , collector to base voltage (v) v eb , emitter to base voltage (v) ?0.5 ?1 ?2 ?5 ?10 ?20 t a = 25c f =1mhz i e = 0a i c = 0a c ib c ob rev.o 3/4 l2sa1576aqt1g series s-l2sa1576aqt1g series
sc - 70/sot - 323 leshan radio company, ltd. a a2 d e1 b e e a1 c l 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 0.05 (0.002) 1.9 0.075 0.65 0.025 0.65 0.025 0.9 0.035 0.7 0.028 mm inches scale 10:1 xx m xx = specific device code m = date code = pb?free package generic marking diagram *this information is generic. please refer to device data sheet for actual part marking. pb?free indicator, ago or microdot a o, may or may not be present. 1 soldering footprint* h e dim a min nom max min millimeters 0.80 0.90 1.00 0.032 inches a1 0.00 0.05 0.10 0.000 a2 0.7 ref b 0.30 0.35 0.40 0.012 c 0.10 0.18 0.25 0.004 d 1.80 2.10 2.20 0.071 e 1.15 1.24 1.35 0.045 e 1.20 1.30 1.40 0.047 0.035 0.040 0.002 0.004 0.014 0.016 0.007 0.010 0.083 0.087 0.049 0.053 0.051 0.055 nom max l 2.00 2.10 2.40 0.079 0.083 0.095 h e e1 0.65 bsc 0.425 ref 0.028 ref 0.026 bsc 0.017 ref rev.o 4/4 l2sa1576aqt1g series s-l2sa1576aqt1g series
|